PART |
Description |
Maker |
CMLD2004 CMLD2004S CMLD2004A CMLD2004C CMLD2004DO |
SMD Switching Diode Dual: Common Cathode SMD Switching Diode Dual: Opposing Polarity SURFACE MOUNT DUAL, HIGH VOLTAGE SILICON SWITCHING DIODES
|
CENTRAL[Central Semiconductor Corp]
|
BT137F-600 BT137F BT137F-800G BT137F-500 BT137F-50 |
1-of-8 Decoder 16-CDIP -55 to 125 DIODE DUAL SW 75V 350MW SOT-23 DIODE SWITCH 85V 150MW SOT-523 DIODE SWITCHING DUAL COMMON-ANODE 75V 215mA-Io 150mW 3000ns-trr SOT-523 3K/REEL DIODE SWITCHING DUAL SERIES 75V 150mA-Io 200mW 4ns-trr SOT-323 3K/REEL DIO SM DUAL SER BAV99W SOT323 Transient Voltage Suppressor Diodes Triacs 800 V, 8 A, 4 QUADRANT LOGIC LEVEL TRIAC DIODE SWITCHING DUAL-DUAL COMMON-CATHODE/ANODE 75V 150mA-Io 200mW 4ns-trr SOT-363 3K/REEL 800 V, 8 A, 4 QUADRANT LOGIC LEVEL TRIAC SMD DIODE BAW56 70V 600 V, 8 A, 4 QUADRANT LOGIC LEVEL TRIAC
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
CMLD4448 |
SMD Switching Diode Dual SURFACE MOUNT PICOmini DUAL, ISOLATED HIGH SPEED SILICON SWITCHING DIODES
|
CENTRAL[Central Semiconductor Corp]
|
MMBD7000LT1 ON2085 |
Dual Switching Diode DUAI SWITCHING DIODE From old datasheet system
|
MOTOROLA INC ON Semi MOTOROLA[Motorola, Inc]
|
BAS16DXV6T5 BAS16DXV6T5G |
Dual Switching Diode 0.2 A, 2 ELEMENT, SILICON, SIGNAL DIODE
|
ON Semiconductor
|
MMBD7000LT1 MMBD7000L MMBD7000LT1-D MMBD7000LT3 |
Dual Switching Diode Small Signal DL Diode
|
ON Semiconductor
|
LT3692EUHPBF LT3692EUHTRPBF |
Monolithic Dual Tracking 3.5A Step-Down Switching Regulator 5.8 A DUAL SWITCHING CONTROLLER, 2750 kHz SWITCHING FREQ-MAX, PQCC32
|
LINEAR TECHNOLOGY CORP
|
LTC1438IGPBF LTC1439EGPBF LTC1439CGWPBF LTC1439IGW |
Dual High Efficiency, Low Noise, Synchronous Step-Down Switching Regulators 2 A DUAL SWITCHING CONTROLLER, 400 kHz SWITCHING FREQ-MAX, PDSO28
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
BAV70TT1 BAV70TT1G |
Dual Switching Diode
|
ON Semiconductor
|